PART |
Description |
Maker |
X9250TS24ZT1 |
Quad Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Intersil, Corp.
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
ISL6312CRZ-TK |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
INTERSIL CORP
|
ISL6227IAZ-T |
Dual Mobile-Friendly PWM Controller with DDR Option; Temperature Range: -40°C to 85°C; Package: 28-QSOP T&R
|
INTERSIL CORP
|
HIP1012ACBZA-T |
Dual Power Distribution Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14
|
Intersil, Corp.
|
ISL29023IROZ-EVALZ ISL29023IROZ-T7 ISL29023 |
Integrated Digital Ambient Light Sensor with Interrupt Function; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
NCP1423DMR2G |
400 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer 1.2 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO10
|
ON Semiconductor
|
EDI7F2331MV100BNC EDI7F2331MV150BNC |
Dual 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R EEPROM
|
Bourns, Inc.
|
350874-3 1-794762-5 2-480705-0 1-1123688-7 5223957 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); UMNL SOK 18-14 .0125 PTPPHBZ ( AMP ) .250" Centerline, 600 V, 19 – 36 A max Quick Reference Guide 2-Piece Power Connectors MULTI–BEAM XL™ – Power Distribution (W–to–B) Connector System VITA 46 Connectors Sealed Universal MATE–N–LOK Connectors VITA 62 Connectors
|
Tyco Electronics
|
LT1996IMSPBF LT1996IMSTR |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10
|
Linear Technology, Corp.
|
ISL29013IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|
X40231S16I-BT1 X40239S16I-AT1 X40237S16I-AT1 |
Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Intersil, Corp. INTERSIL CORP
|